Electronic Components Datasheet Search
  English  ▼

X  

PAC5232 Datasheet(PDF) 46 Page - Active-Semi, Inc

Part # PAC5232
Description  Power Application Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5232 Datasheet(HTML) 46 Page - Active-Semi, Inc

Back Button PAC5232 Datasheet HTML 42Page - Active-Semi, Inc PAC5232 Datasheet HTML 43Page - Active-Semi, Inc PAC5232 Datasheet HTML 44Page - Active-Semi, Inc PAC5232 Datasheet HTML 45Page - Active-Semi, Inc PAC5232 Datasheet HTML 46Page - Active-Semi, Inc PAC5232 Datasheet HTML 47Page - Active-Semi, Inc PAC5232 Datasheet HTML 48Page - Active-Semi, Inc PAC5232 Datasheet HTML 49Page - Active-Semi, Inc PAC5232 Datasheet HTML 50Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Power Application Controller
-46-
Rev 1.1
6-Jan-2018
14.6
SRAM
The PAC5232 Memory Controller provides access to the 8kB SRAM for non-persistent data storage. The
SRAM memory supports word (4B), half-word (2B) and byte addresses with aligned access.
The PAC5232 Memory Controller can read or write data from RAM up to 50MHz. This can be a benefit for
time-critical applications. This memory can also be used for program execution when modifying the
contents of FLASH.
For more information on the PAC5232 Memory Controller, see the PAC5232 User Guide.
14.7
SWD Protection
The PAC5232 allows the user to blow a fuse that prohibits use of the SWD serial interface.
This will prevent unauthorized users from accessing the contents of the device after customer production.
14.8
Electrical Characteristics
Table 14-1 Memory System Electrical Characteristics
(VCCIO = 5V, TA = -40C to 105C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Embedded FLASH
tREAD;FLASH
FLASH read time
40
ns
tWRITE;FLASH
FLASH write time
20
s
tPERASE;FLASH
FLASH page erase time
10
ms
NPERASE;FLASH
FLASH program/erase cycles
100k
cycles
tDR;FLASH
FLASH data retention
10
years
SRAM
tACC;SRAM
SRAM access time
Word (32-bits), aligned
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com