Electronic Components Datasheet Search
  English  ▼

X  

DS26503LN Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS26503LN
Description  T1/E1/J1 BITS Element
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26503LN Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS26503LN Datasheet HTML 28Page - Dallas Semiconductor DS26503LN Datasheet HTML 29Page - Dallas Semiconductor DS26503LN Datasheet HTML 30Page - Dallas Semiconductor DS26503LN Datasheet HTML 31Page - Dallas Semiconductor DS26503LN Datasheet HTML 32Page - Dallas Semiconductor DS26503LN Datasheet HTML 33Page - Dallas Semiconductor DS26503LN Datasheet HTML 34Page - Dallas Semiconductor DS26503LN Datasheet HTML 35Page - Dallas Semiconductor DS26503LN Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
DS26503 T1/E1/J1 BITS Element
32 of 123
7.3 Register Map
Table 7-2. Register Map Sorted By Address
ADDRESS
TYPE
REGISTER NAME
REGISTER
ABBREVIATION
00
R/W
Test Reset Register
TSTRREG
01
R/W
I/O Configuration Register 1
IOCR1
02
R/W
I/O Configuration Register 2
IOCR2
03
R/W
T1 Receive Control Register 1
T1RCR1
04
R/W
T1 Receive Control Register 2
T1RCR2
05
R/W
T1 Transmit Control Register 1
T1TCR1
06
R/W
T1 Transmit Control Register 2
T1TCR2
07
R/W
T1 Common Control Register
T1CCR
08
R/W
Mode Configuration Register
MCREG
09
R/W
Transmit PLL Control Register
TPCR
0A
—
Reserved
—
0B
—
Reserved
—
0C
—
Reserved
—
0D
—
Reserved
—
0E
—
Reserved
—
0F
—
Reserved
—
10
R
Device Identification Register
IDR
11
R
Information Register 1
INFO1
12
R
Information Register 2
INFO2
13
R
Interrupt Information Register
IIR
14
R
Status Register 1
SR1
15
R/W
Interrupt Mask Register 1
IMR1
16
R
Status Register 2
SR2
17
R/W
Interrupt Mask Register 2
IMR2
18
R
Status Register 3
SR3
19
R/W
Interrupt Mask Register 3
IMR3
1A
R
Status Register 4
SR4
1B
R/W
Interrupt Mask Register 4
IMR4
1C
R
Information Register 3
INFO3
1D
R/W
E1 Receive Control Register
E1RCR
1E
R/W
E1 Transmit Control Register
E1TCR
1F
R/W
BOC Control Register
BOCC
20
R/W
Loopback Control Register
LBCR
21-2F
—
Reserved
—
30
R/W
Line Interface Control 1
LIC1
31
R/W
Line Interface Control 2
LIC2
32
R/W
Line Interface Control 3
LIC3
33
R/W
Line Interface Control 4
LIC4
34
R/W
Transmit Line Build-Out Control
TLBC
35-3F
—
Reserved
—
40
R/W
Transmit Align Frame Register
TAF
41
R/W
Transmit Non-Align Frame Register
TNAF
42
R/W
Transmit Si Align Frame
TSiAF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com