Electronic Components Datasheet Search
  English  ▼

X  

MP2224 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2224
Description  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2224 Datasheet HTML 11Page - Monolithic Power Systems MP2224 Datasheet HTML 12Page - Monolithic Power Systems MP2224 Datasheet HTML 13Page - Monolithic Power Systems MP2224 Datasheet HTML 14Page - Monolithic Power Systems MP2224 Datasheet HTML 15Page - Monolithic Power Systems MP2224 Datasheet HTML 16Page - Monolithic Power Systems MP2224 Datasheet HTML 17Page - Monolithic Power Systems MP2224 Datasheet HTML 18Page - Monolithic Power Systems MP2224 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP2224
–18V/4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2224 Rev. 1.0
www.MonolithicPower.com
16
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
GND
MP2224
1V/4A
EN/SYNC
AGND
VCC
IN
FB
SW
BST
C1A
22
μF
25V
C1
0.1
μF
25V
L1
1
μH
C3
10pF
R1
120K
R2
180K
C2
22
μF
10V
C2A
22
μF
10V
C5
0.1
μF
C4
0.1
μF
2
6
7
1
4
8
3
5
R3
100K
GND
Figure 8: 12VIN, 1V/4A
GND
MP2224
1.2V/4A
EN/SYNC
AGND
VCC
IN
FB
SW
BST
C1A
22
μF
25V
C1
0.1
μF
25V
L1
1
μH
C3
10pF
R1
120K
R2
120K
C2
22
μF
10V
C2A
22
μF
10V
C5
0.1
μF
C4
0.1
μF
2
6
7
1
4
8
3
5
R3
100K
GND
Figure 9: 12VIN, 1.2V/4A
GND
MP2224
1.35V/4A
EN/SYNC
AGND
VCC
IN
FB
SW
BST
C1A
22
μF
25V
C1
0.1
μF
25V
L1
1.5
μH
C3
18pF
R1
100K
R2
80.6K
C2
22
μF
10V
C2A
22
μF
10V
C5
0.1
μF
C4
0.1
μF
2
6
7
1
4
8
3
5
R3
100K
GND
Figure 10: 12VIN, 1.35V/4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com