Electronic Components Datasheet Search
  English  ▼

X  

MP2224 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2224
Description  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2224 Datasheet HTML 10Page - Monolithic Power Systems MP2224 Datasheet HTML 11Page - Monolithic Power Systems MP2224 Datasheet HTML 12Page - Monolithic Power Systems MP2224 Datasheet HTML 13Page - Monolithic Power Systems MP2224 Datasheet HTML 14Page - Monolithic Power Systems MP2224 Datasheet HTML 15Page - Monolithic Power Systems MP2224 Datasheet HTML 16Page - Monolithic Power Systems MP2224 Datasheet HTML 17Page - Monolithic Power Systems MP2224 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP2224
–18V/4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2224 Rev. 1.0
www.MonolithicPower.com
14
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
as possible. When using ceramic capacitors,
make sure that they have enough capacitance
to
provide
sufficient
charge
to
prevent
excessive voltage ripple at the input. The input
voltage ripple caused by capacitance can be
estimated with Equation (6):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(6)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (7):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(7)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (8):
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

(8)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (9):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(9)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP2224 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
BST
voltage
may
become
insufficient
in
particular conditions. In these cases an external
bootstrap diode can enhance the efficiency of
the regulator and help avoid an output ripple
caused by BST voltage insufficiency during
PFM operation at light load.
For better efficiency, the diode is needed if the
conditions below occur at the same time:
VIN < 5V
The duty cycle is large: Duty=
IN
OUT
V
V
>65%
To avoid the ripple caused by a BST refresh,
the diode is needed if the condition below
occurs:
VIN -VOUT<2.6V
In these cases, it is recommended to add an
external BST diode from VCC to BST (see
Figure 6).
Figure 6: Optional External Bootstrap Diode
The recommended external BST diode is
IN4148, and the BST capacitor value is 0.1µF
to 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com