Electronic Components Datasheet Search
  English  ▼

X  

MP2224 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2224
Description  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2224 Datasheet HTML 1Page - Monolithic Power Systems MP2224 Datasheet HTML 2Page - Monolithic Power Systems MP2224 Datasheet HTML 3Page - Monolithic Power Systems MP2224 Datasheet HTML 4Page - Monolithic Power Systems MP2224 Datasheet HTML 5Page - Monolithic Power Systems MP2224 Datasheet HTML 6Page - Monolithic Power Systems MP2224 Datasheet HTML 7Page - Monolithic Power Systems MP2224 Datasheet HTML 8Page - Monolithic Power Systems MP2224 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2224
High-Efficiency, 4A, 18V, 500kHz
Synchronous Step-Down Converter
MP2224 Rev. 1.0
www.MonolithicPower.com
1
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
DESCRIPTION
The MP2224 is a high-efficiency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 4A output current
with excellent load and line regulation over a
wide input supply range. The MP2224 has
synchronous
mode
operation
for
higher
efficiency over the output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP2224 requires a minimal number of
readily
available,
standard,
external
components and is available in a space-saving
8-pin TSOT23 package.
FEATURES
 Wide 4.5V to 18V Operating Input Range
 Adjustable Output Voltage as low as 0.6V
 Low 70mΩ/25mΩ R
DS(ON) of Internal Power
MOSFETs
 High Efficiency up to 97%
 Fixed 500kHz Switching Frequency
 Synchronizes from a 200kHz to 2MHz
External Clock
 2.4ms Internal Soft-Start Time
 1% Reference Accuracy at Room
Temperature
 Internal Power-Save Mode
 OCP with Hiccup Mode
 Available in 8-pin TSOT23
APPLICATIONS
 Flat-Panel Television and Monitors
 Notebook Systems and I/O Power
 Digital Set-Top Boxes
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power S ystems, Inc.
TYPICAL APPLICATION
MP2224
3.3V/4A
EN/SYNC
AGND
VCC
IN
FB
SW
BST
C1
22
μF
L1
3.3
μH
R1
40.2K
R2
8.87K
C5
0.1
μF
C4
0.1
μF
EN/SYNC
GND
VOUT
VIN
C2
22
μF×2


Similar Part No. - MP2224

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
MP2225GJ MPS-MP2225GJ Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
24V, 3A, 1.3MHz Synchronous Step-Down Converter
MP2227DQ MPS-MP2227DQ Datasheet
458Kb / 13P
24V, 3A, 1.3MHz Synchronous Step-Down Converter
More results

Similar Description - MP2224

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com