Electronic Components Datasheet Search
  English  ▼

X  

MP2224 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2224
Description  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2224 Datasheet HTML 7Page - Monolithic Power Systems MP2224 Datasheet HTML 8Page - Monolithic Power Systems MP2224 Datasheet HTML 9Page - Monolithic Power Systems MP2224 Datasheet HTML 10Page - Monolithic Power Systems MP2224 Datasheet HTML 11Page - Monolithic Power Systems MP2224 Datasheet HTML 12Page - Monolithic Power Systems MP2224 Datasheet HTML 13Page - Monolithic Power Systems MP2224 Datasheet HTML 14Page - Monolithic Power Systems MP2224 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2224
–18V/4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2224 Rev. 1.0
www.MonolithicPower.com
11
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP2224 is a high-efficiency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 4A output current
with excellent load and line regulation over a
wide input supply range.
The MP2224 operates in a fixed-frequency,
peak-current-control
mode
to
regulate
the
output voltage. An internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET turns on and remains on until the
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If
the current in the power MOSFET does not
reach the value set by the COMP value (within
95% of one PWM period), the power MOSFET
is forced to turn off.
VCC Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output decreases, and the part
requires a 0.1µF ceramic capacitor to decouple
noise.
AAM Operation
The MP2224 has advanced asynchronous
modulation (AAM), which is the internal power-
save
mode
for
light-load
operation.
AAM
voltage (VAAM) is fixed internally. In a heavy-
load condition, the VCOMP is higher than VAAM.
When the clock pulses high, the high-side
power MOSFET turns on and remains on until
VILsense reaches the value set by the COMP
voltage. The internal clock resets every time
VCOMP is higher than VAAM.
In a light-load condition, the value of VCOMP
becomes lower. When VCOMP is less than VAAM
and VFB is less than VREF, VCOMP ramps up until
it exceeds VAAM. During this time, the internal
clock is blocked, causing the MP2224 to skip
pulses for pulse frequency modulation (PFM)
mode, which achieves the light-load power
save.
S
Q
R
Clock
AAM
1pF
400k
50pF
33k
R2
R1
HS_driver
V
COMP
V
IL sense
V
REF
V
OUT
V
FB
V
Figure 2: Simplified AAM Control Logic
In a light-load condition, the inductor peak
current is set internally to about 800mA (see
Figure 2).
Error Amplifier
The error amplifier compares the FB voltage
against the internal 0.6V reference (REF) and
generates COMP voltage as the output
—
COMP controls the power MOSFET current.
The optimized internal compensation network
minimizes the external component count and
simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
converter on and off. Drive EN/SYNC high to
turn on the converter; drive it low to turn it off.
An internal 1MΩ resistor from EN/SYNC to
GND allows EN/SYNC to be floated to shut
down the chip.
EN/SYNC is clamped internally using a 5.6V
series-Zener-diode (see Figure 3). Connecting
the EN/SYNC input pin through a pull-up resist
or to the voltage on the VIN pin limits the
EN/SYNC input current to less than 100µA.
For example, with 12V connected to Vin,
RPULLUP ≥ (12V – 5.6V) ÷ 100µA = 64kΩ.
Connecting EN/SYNC directly to a voltage
source without
a
pull-up resistor
requires
limiting the amplitude of the voltage source to
≤5V to prevent damage to the Zener diode.
Figure 3: 5.6V Zener Diode Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com