Electronic Components Datasheet Search
  English  ▼

X  

MP2225 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2225 Datasheet HTML 12Page - Monolithic Power Systems MP2225 Datasheet HTML 13Page - Monolithic Power Systems MP2225 Datasheet HTML 14Page - Monolithic Power Systems MP2225 Datasheet HTML 15Page - Monolithic Power Systems MP2225 Datasheet HTML 16Page - Monolithic Power Systems MP2225 Datasheet HTML 17Page - Monolithic Power Systems MP2225 Datasheet HTML 18Page - Monolithic Power Systems MP2225 Datasheet HTML 19Page - Monolithic Power Systems MP2225 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
16
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PC Board Layout (9)
PCB layout is very important for stable
operation. Follow these guidelines for best
results.
1) Connect the input ground to the GND pin
using the possible shortest and widest trace.
2) Connect the input capacitor to the IN pin
using the possible shortest and widest trace.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the chip
as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect AGND to GND plane with single
trace.
Notes:
10) The recommended layout is based on the Figure 8-15 Typical
Application circuit on the next page.
VIN
GND
VOUT
SW
L1
C1
R2
C2
C4
Figure 7: Recommend Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
12V
VOUT
3.3V
IOUT
5A
The detailed application schematic is shown in
Figure 14. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com