Electronic Components Datasheet Search
  English  ▼

X  

MP2225 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2225 Datasheet HTML 1Page - Monolithic Power Systems MP2225 Datasheet HTML 2Page - Monolithic Power Systems MP2225 Datasheet HTML 3Page - Monolithic Power Systems MP2225 Datasheet HTML 4Page - Monolithic Power Systems MP2225 Datasheet HTML 5Page - Monolithic Power Systems MP2225 Datasheet HTML 6Page - Monolithic Power Systems MP2225 Datasheet HTML 7Page - Monolithic Power Systems MP2225 Datasheet HTML 8Page - Monolithic Power Systems MP2225 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2225
High-Efficiency, 5A, 18V, 500kHz
Synchronous, Step-Down Converter
MP2225 Rev. 1.01
www.MonolithicPower.com
1
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2225 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 5A output current
with excellent load and line regulation over a
wide input supply range. The MP2225 has
synchronous
mode
operation
for
higher
efficiency over the output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP2225 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
• Wide 4.5V-to-18V Operating Input Range
• Adjustable Output Voltage as low as 0.6V
• Low 47mΩ/18mΩ RDS(ON) of Internal Power
MOSFETs
• High Efficiency up to 97%
• Fixed 500kHz Switching Frequency
• Synchronizes from a 200kHz-to-2MHz
External Clock
• 2.4ms Internal Soft-Start Time
• 1% Reference Accuracy at Room
Temperature
• Internal Power-save Mode
• OCP with hiccup mode
• Available in 8-pin TSOT23
APPLICATIONS
• Flat-Panel Television and Monitors
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2225
3.3V/5A
EN/SYNC
AGND
VCC
IN
FB
SW
BST
C1
22 F
L1
3.3 H
R1
40.2K
R2
8.87K
C5
0.1 F
C4
0.1 F
EN/SYNC
GND
VOUT
VIN
C2
22 F×2
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10


Similar Part No. - MP2225

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2225

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com