Electronic Components Datasheet Search
  English  ▼

X  

MP2225 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2225 Datasheet HTML 1Page - Monolithic Power Systems MP2225 Datasheet HTML 2Page - Monolithic Power Systems MP2225 Datasheet HTML 3Page - Monolithic Power Systems MP2225 Datasheet HTML 4Page - Monolithic Power Systems MP2225 Datasheet HTML 5Page - Monolithic Power Systems MP2225 Datasheet HTML 6Page - Monolithic Power Systems MP2225 Datasheet HTML 7Page - Monolithic Power Systems MP2225 Datasheet HTML 8Page - Monolithic Power Systems MP2225 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
5
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board described in the Design Example
section.
VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
20
22
24
26
28
30
32
34
36
250
275
300
325
350
375
400
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
01
23
45
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
4
6
8
1012141618
4
6
8
1012141618
4
6
8
1012141618
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com