Electronic Components Datasheet Search
  English  ▼

X  

MP2225 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2225 Datasheet HTML 1Page - Monolithic Power Systems MP2225 Datasheet HTML 2Page - Monolithic Power Systems MP2225 Datasheet HTML 3Page - Monolithic Power Systems MP2225 Datasheet HTML 4Page - Monolithic Power Systems MP2225 Datasheet HTML 5Page - Monolithic Power Systems MP2225 Datasheet HTML 6Page - Monolithic Power Systems MP2225 Datasheet HTML 7Page - Monolithic Power Systems MP2225 Datasheet HTML 8Page - Monolithic Power Systems MP2225 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
3
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN …………………………….. ........-0.3V to 20V
VSW…………………………….. ............................
-0.3V (-5V for <10ns) to VIN+0.3V (23V for
<10ns)
VBST
……………………………….. VSW+5.5V
All Other Pins……………………..-0.3V to 5.5V (2)
Continuous Power Dissipation (TA = +25°C)
(3)
TSOT23-8……………………………......... 1.25W
Junction Temperature…………………….. 150°C
Lead Temperature…………………………260°C
Storage Temperature……………-65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN…………………..4.5V to 18V
Output Voltage VOUT………...0.6V to VIN*DMAX
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
TSOT23-8…….. ……..…….. . 100 ..... 55... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) About the details of EN pin’s ABS MAX rating, please refer to
Page 12, Enable/SYNC control section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com