Electronic Components Datasheet Search
  English  ▼

X  

LR6302 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR6302
Description  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR6302 Datasheet HTML 1Page - Leshan Radio Company LR6302 Datasheet HTML 2Page - Leshan Radio Company LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
(Unless otherwise specified, TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
(2)
VIN
-0.3~24
V
Output Voltage
(2)
VOUT
-0.3~10
V
CE Pin Voltage
VCE
-0.3~24
V
Output Current
IOUT
600
mA
Power Dissipation
SOT-23
PD
0.4
W
SOT-89
0.6
W
TO-92
0.6
W
Operating Junction Temperature Range
(3)
Tj
-40~125
°C
Storage Temperature
Tstg
-40~125
°C
Lead Temperature(Soldering, 10 sec)
Tsolder
260
°C
ESD rating
(4)
Human Body Model -(HBM)
8
kV
Machine Model- (MM)
400
V
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods my affect device reliability.
(2) All voltages are with respect to network ground terminal.
(3) The LR6302A includes over temperature protecti on that is intended to protect the device during
momentary overload. Junction temperature will exceed 125°C when over temperature protection is active.
Continuous operation above the specified maximum operating junction temperature may impair device
reliability.
(4) ESD testing is performed according to the respective JESD22 JEDEC standard.
The human body model is a 100 pF capacitor discharged through a 1.5k
resistor into each pin. The
machine model is a 200pF capacitor discharged directly into each pin.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN.
NOM.
MAX.
UNITS
Supply voltage at VIN
2.5
18
V
Operating junction temperature range, Tj
-40
125
°C
Operating free air temperature range, TA
-40
85
°C
LESHAN RADIO COMPANY, LTD.
3/1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com