Electronic Components Datasheet Search
  English  ▼

X  

LR6302 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6302
Description  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6302 Datasheet HTML 1Page - Leshan Radio Company LR6302 Datasheet HTML 2Page - Leshan Radio Company LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LR6302
INTRODUCTION
The LR6302 series are a group of positive
voltage regulators manufactured by CMOS
technologies with low power consumption
and low dropout voltage, which provide
large output currents even when the
difference of the input-output voltage is
small. The LR6302 series can deliver
300mA output current and allow an input
voltage as high as 18V. The series are
very
suitable
for
the
battery-powered
equipments, such as RF applications and
other systems requiring a quiet voltage
source.
FEATURES
Low Quiescent Current: 2 A
Operating Voltage Range: 2.5V
18V
Output Current: 300mA
Low Dropout Voltage
160mV@100mA(VOUT=3.3V)
Output Voltage: 1.2~ 5.0V
High Accuracy: ±2
/±1
Typ.
High Power Supply Rejection Ratio:
65dB@1kHz
Low Output Noise:
27xVOUT VRMS (10Hz~100kHz)
Excellent Line and Load Transient
Response
Built-in Current Limiter, Short-Circuit
Protection
Over-Temperature Protection
For LR6302A and LR6302B only
APPLICATIONS
Cordless Phones
Radio control systems
Laptop, Palmtops and PDAs
Single-lens reflex DSC
PC peripherals with memory
Wireless Communication Equipments
Portable Audio Video Equipments
Car Navigation Systems
LAN Cards
Ultra Low Power Microcontroller
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPTION
A
Standard
B
With Shutdown Function
D
Without OTP
Integer
Output Voltage
e.g.1.8V=
:1,
:8
M/ MC/ MY
Package:SOT-23-3
M/MF/MR
Package:SOT-23-5
P/PT/PL
Package:SOT-89-3/5
-
2% Accuracy
1
1% Accuracy
18V Low Current Consumption 300mA CMOS Voltage Regulator
LR6302 Series
LESHAN RADIO COMPANY, LTD.
Ver 1.
5
1/1
1


Similar Part No. - LR6302

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
LR6301 LRC-LR6301 Datasheet
767Kb / 22P
High-precision Low Voltage Detector Battery Checker
LR6301-09CSM LRC-LR6301-09CSM Datasheet
767Kb / 22P
High-precision Low Voltage Detector Battery Checker
LR6301-09NRM LRC-LR6301-09NRM Datasheet
767Kb / 22P
High-precision Low Voltage Detector Battery Checker
LR6301-20CT LRC-LR6301-20CT Datasheet
767Kb / 22P
High-precision Low Voltage Detector Battery Checker
More results

Similar Description - LR6302

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
logo
New Japan Radio
NJW4184 NJRC-NJW4184 Datasheet
263Kb / 13P
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
300mA Low Consumption Linear Regulator
VER 1.3
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5019A ACE-ACE5019A Datasheet
859Kb / 12P
18V Low Current Consumption 350mA CMOS Voltage Regulator
VER 1.1
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com