Electronic Components Datasheet Search
  English  ▼

X  

LR6302 Datasheet(PDF) 10 Page - Leshan Radio Company

Part # LR6302
Description  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company LR6302 Datasheet HTML 10Page - Leshan Radio Company LR6302 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
S
SOT-89-3 PA
Symbo
A
b
b1
c
D
D1
E
E1
e
e1
L
ACKAGE O
l
Dime
M
1.4
0.3
0.4
0.3
4.4
2.3
3.9
0.9
OUTLINE DI
ensions In
Min.
400
320
400
350
400
1.550 R
300
940
1.500 T
3.000 T
900
MENSIONS
Millimeters
Max.
1.600
0.520
0.580
0.440
4.600
REF
2.600
4.250
TYP
TYP
1.200
S
s
Dim
Min
0.05
0.01
0.01
0.01
0.17
0.09
0.15
0.03
mensions In
n.
55
13
16
14
73
0.061 RE
91
55
0.060 TY
0.118 TY
35
n Inches
Max.
0.063
0.197
0.023
0.017
0.181
EF
0.102
0.167
YP
YP
0.047
LESHAN RADIO COMPANY, LTD.
10/1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com