Electronic Components Datasheet Search
  English  ▼

X  

LR6302 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR6302
Description  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR6302 Datasheet HTML 1Page - Leshan Radio Company LR6302 Datasheet HTML 2Page - Leshan Radio Company LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
Selection of Input/ Output Capacitors
In general, all the capacitors need to be low leakage. Any leakage the capacitors have will
reduce efficiency, increase the quiescent current.
A recent trend in the design of portable devices has been to use ceramic capacitors to filter
DC-DC converter inputs. Ceramic capacitors are often chosen because of their small size,
low equivalent series resistance (ESR) and high RMS current capability. Also, recently,
designers have been looking to ceramic capacitors due to shortages of tantalum capacitors.
Unfortunately, using ceramic capacitors for input filtering can cause problems. Applying a
voltage step to a ceramic capacitor causes a large current surge that stores energy in the
inductances of the power leads. A large voltage spike is created when the stored energy is
transferred from these inductances into the ceramic capacitor. These voltage spikes can
easily be twice the amplitude of the input voltage step. (See “Ceramic Input Capacitors Can
Cause Overvoltage Transients”——Linear Technology application note 88, March 2001)
Many types of capacitors can be used for input bypassing, however, caution must be
exercised when using multilayer ceramic capacitors (MLCC). Because of the self-resonant
and high Q characteristics of some types of ceramic capacitors, high voltage transients can
be generated under some start-up conditions, such as connecting the LDO input to a live
power source. Adding a 3
resistor in series with an X5R ceramic capacitor will minimize
start-up voltage transients.
The LDO also requires an output capacitor for loop stability. Connect a 1 F tantalum
capacitor from OUT to GND close to the pins. For improved transient response, this output
capacitor may be ceramic.
LESHAN RADIO COMPANY, LTD.
5/1
1
LR6302A/D
LR6302B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com