Electronic Components Datasheet Search
  English  ▼

X  

LR8303 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8303
Description  300KHz PFM Control Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8303 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8303 Datasheet HTML 1Page - Leshan Radio Company LR8303 Datasheet HTML 2Page - Leshan Radio Company LR8303 Datasheet HTML 3Page - Leshan Radio Company LR8303 Datasheet HTML 4Page - Leshan Radio Company LR8303 Datasheet HTML 5Page - Leshan Radio Company LR8303 Datasheet HTML 6Page - Leshan Radio Company LR8303 Datasheet HTML 7Page - Leshan Radio Company LR8303 Datasheet HTML 8Page - Leshan Radio Company LR8303 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Table 7
LR8303C Series
SOT-89-5 PKG
PIN NO.
PIN NAME
FUNCTION
1
NC
(N.C.)
2
V
Output voltage pin
OUT
3EN
Shutdown pin
“H”: Normal operation
“L”: Step-up stopped
4
LX
External inductor connection pin
5
V
GND pin
SS
Table 8
LR8303D Series
SOT-89-5 PKG
PIN NO.
PIN NAME
FUNCTION
1
NC
(N.C.)
2
V
Output voltage pin
OUT
3EN
Shutdown pin
“H”: Normal operation
“L”: Step-up stopped
4
EXT
External transistor connection pin
5
V
GND pin
SS
Table 9
LR8303A Series
TO-92 PKG
PIN NO.
PIN NAME
FUNCTION
1
V
GND pin
SS
2
V
Output voltage pin
OUT
3
LX
External inductor connection pin
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=
°C)
PARAMETER
SYMBOL
RATINGS
UNITS
VOUT pin voltage
VOUT
VSS-0.3 ~ VSS+8
V
EN
pin voltage
EN
VSS-0.3 ~ VSS+8
V
LX
pin voltage
VLX
VSS-0.3 ~ VSS+8
V
LX
pin current
ILX
1500
mA
Power
dissipation
SOT-23-5
PD
250
mW
Operating temperature
Topr
-20 ~+85
°C
Storage temperature
Tstg
-40 ~+125
°C
Soldering Temperature & Time
Tsolder
260°C, 10s
LESHAN RADIO COMPANY, LTD.
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com