Electronic Components Datasheet Search
  English  ▼

X  

LR8303 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8303
Description  300KHz PFM Control Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8303 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8303 Datasheet HTML 1Page - Leshan Radio Company LR8303 Datasheet HTML 2Page - Leshan Radio Company LR8303 Datasheet HTML 3Page - Leshan Radio Company LR8303 Datasheet HTML 4Page - Leshan Radio Company LR8303 Datasheet HTML 5Page - Leshan Radio Company LR8303 Datasheet HTML 6Page - Leshan Radio Company LR8303 Datasheet HTML 7Page - Leshan Radio Company LR8303 Datasheet HTML 8Page - Leshan Radio Company LR8303 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
300KHz PFM Control
Step-Up DC/DC Converter
LR8303 Series
INTRODUCTION
The LR8303 is a CMOS PFM-control step-up
switching DC/DC converter. The PFM controller
allows the duty ratio to be automatically
switched according to the load, enabling
products with a low ripple over a wide range,
high efficiency, and high output current. With
the L R8303, a step-up switching DC/DC
converter can be configured by using an
external coil, capacitor, and diode. The built-in
MOSFET is turned off by a protection circuit
when the voltage at the LX pin exceeds the
limit to prevent it from being damaged. This
feature, along with the mini package and low
current consumption, makes the LR8303 ideal
for applications such as the power supply unit
of portable equipment.
FEATURES
Low voltage operation:
Startup at 0.9 V @IOUT = 1 mA
Working frequency: 300KHz
External parts: Coil, capacitor, diode
Accuracy of ±2%
High efficiency
87%
typ.
Shutdown function
Low ripple, Low noise
APPLICATIONS
Digital cameras
Electronic notebooks and PDAs
Portable CD/MD players
Cameras, video equipment,
Communications equipment
Power supply for microcomputers
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPTION
AStandard LX
BStandard EXT
C
With shutdown, LX
D
With shutdown, EXT
Integer
Output Voltage 1.8
6.0
e.g.
3.0V=
:3;
:0
M
Package
SOT-23
P
Package
SOT-89
T
Package
TO-92
LR8303
LESHAN RADIO COMPANY, LTD.
Ver1
1/11


Similar Part No. - LR8303

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
More results

Similar Description - LR8303

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CE8301 ETC1-CE8301 Datasheet
441Kb / 11P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE701CA ACE-ACE701CA Datasheet
806Kb / 13P
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com