Electronic Components Datasheet Search
  English  ▼

X  

LR8303 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8303
Description  300KHz PFM Control Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8303 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8303 Datasheet HTML 1Page - Leshan Radio Company LR8303 Datasheet HTML 2Page - Leshan Radio Company LR8303 Datasheet HTML 3Page - Leshan Radio Company LR8303 Datasheet HTML 4Page - Leshan Radio Company LR8303 Datasheet HTML 5Page - Leshan Radio Company LR8303 Datasheet HTML 6Page - Leshan Radio Company LR8303 Datasheet HTML 7Page - Leshan Radio Company LR8303 Datasheet HTML 8Page - Leshan Radio Company LR8303 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYNBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage
VOUT
VOUT(S)
×0.98
VOUT
VOUT(S)
×1.02
V
Input voltage
VIN
6
V
Operation start voltage
VST
IOUT= 1 mA
0.9
V
Hold voltage
VHOLD
IOUT= 1 mA
0.8
V
Current consumption
ISS
VOUT=VOUT(S) 0.5 V
7
A
Current consumption
during shutdown
ISSS
VEN = 0 V, No load
1.0
A
Maximum Oscillation
frequency
Fmax
VOUT= 0.95×VOUT
measure
waveform at LX pin
300
KHz
Duty ratio
Duty
75
%
Efficiency
EFFI
87
%
Current limit
ILIMIT
1000
mA
Shutdown pin input
voltage
VSH
1.5
V
VSL
0.3
V
Shutdown pin input
current
ISH
0.1
A
ISL
-0.1
A
Remark
VIN =VOUT(S)×0.6 applied, IOUT=VOUT(S) / 250
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the
actual output voltage.
LESHAN RADIO COMPANY, LTD.
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com