Electronic Components Datasheet Search
  English  ▼

X  

LR8303 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR8303
Description  300KHz PFM Control Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8303 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR8303 Datasheet HTML 1Page - Leshan Radio Company LR8303 Datasheet HTML 2Page - Leshan Radio Company LR8303 Datasheet HTML 3Page - Leshan Radio Company LR8303 Datasheet HTML 4Page - Leshan Radio Company LR8303 Datasheet HTML 5Page - Leshan Radio Company LR8303 Datasheet HTML 6Page - Leshan Radio Company LR8303 Datasheet HTML 7Page - Leshan Radio Company LR8303 Datasheet HTML 8Page - Leshan Radio Company LR8303 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STANDARD CIRCUITS
Component:
Inductor
22uH(Sumida)
Capacitor
47uF/10V(Tantalum)
Diode
IN5817
IN5819
NMOS
LR2312
1
LR8303A Circuits
2
LR8303C Circuits
3
LR8303B Circuits
4
LR8303D Circuits
LESHAN RADIO COMPANY, LTD.
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com