Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GP Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 33Page - Cypress Semiconductor S29GL01GP Datasheet HTML 34Page - Cypress Semiconductor S29GL01GP Datasheet HTML 35Page - Cypress Semiconductor S29GL01GP Datasheet HTML 36Page - Cypress Semiconductor S29GL01GP Datasheet HTML 37Page - Cypress Semiconductor S29GL01GP Datasheet HTML 38Page - Cypress Semiconductor S29GL01GP Datasheet HTML 39Page - Cypress Semiconductor S29GL01GP Datasheet HTML 40Page - Cypress Semiconductor S29GL01GP Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 37 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
8.
Advanced Sector Protection/Unprotection
The Advanced Sector Protection/Unprotection feature disables or enables programming or erase operations in any or all sectors and
can be implemented through software and/or hardware methods, which are independent of each other. This section describes the
various methods of protecting data stored in the memory array. An overview of these methods in shown in Figure 8.1.
Figure 8.1
Advanced Sector Protection/Unprotection
Hardware Methods
Software Methods
WP#/ACC = VIL
(Highest or Lowest
Sector Locked)
Password Method
(DQ2)
Persistent Method
(DQ1)
Lock Register
(One Time Programmable)
PPB Lock Bit
1,2,3
64-bit Password
(One Time Protect)
1 = PPBs Unlocked
0 = PPBs Locked
Memory Array
Sector 0
Sector 1
Sector 2
Sector N-2
Sector N-1
Sector N
3
PPB 0
PPB 1
PPB 2
PPB N-2
PPB N-1
PPB N
Persistent
Protection Bit
(PPB)
4,5
DYB 0
DYB 1
DYB 2
DYB N-2
DYB N-1
DYB N
Dynamic
Protection Bit
(DYB)
6,7,8
7. 0 = Sector Protected,
1 = Sector Unprotected.
8. Protect effective only if PPB Lock Bit is
unlocked and corresponding PPB is “1”
(unprotected).
9. Volatile Bits: defaults to user choice upon
power-up (see ordering options).
5. 0 = Sector Protected,
1 = Sector Unprotected.
6. PPBs programmed individually,
but cleared collectively
1. Bit is volatile, and defaults to “1” on reset.
2. Programming to “0” locks all PPBs to their
current state.
3. Once programmed to “0”, requires hardware
reset to unlock.
4. N = Highest Address Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com