Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GP Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 4 Page - Cypress Semiconductor

  S29GL01GP Datasheet HTML 1Page - Cypress Semiconductor S29GL01GP Datasheet HTML 2Page - Cypress Semiconductor S29GL01GP Datasheet HTML 3Page - Cypress Semiconductor S29GL01GP Datasheet HTML 4Page - Cypress Semiconductor S29GL01GP Datasheet HTML 5Page - Cypress Semiconductor S29GL01GP Datasheet HTML 6Page - Cypress Semiconductor S29GL01GP Datasheet HTML 7Page - Cypress Semiconductor S29GL01GP Datasheet HTML 8Page - Cypress Semiconductor S29GL01GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 4 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Recommended Combinations
Recommended Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to
confirm availability of specific recommended combinations and to check on newly released combinations.
S29GL01GP
12
F
F
I
01
0
PACKING TYPE
0 = Tray (standard (Note 5))
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER (VIO range, protection when WP# =VIL)
01 = VIO = VCC = 2.7 to 3.6 V, highest address sector protected
02 = VIO = VCC = 2.7 to 3.6 V, lowest address sector protected
V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, highest address sector protected
V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, lowest address sector protected
R1= VIO = VCC = 3.0 to 3.6 V, highest address sector protected
R2= VIO = VCC = 3.0 to 3.6 V, lowest address sector protected
TEMPERATURE RANGE
I = Industrial (–40°C to +85°C)
C = Commercial (0°C to +85°C)
PACKAGE MATERIALS SET
A= Pb (Note 1)
F= Pb-free
PACKAGE TYPE
T = 56-pin Thin Small Outline Package (TSOP) Standard Pinout(TSO56)
F = 64-ball Fortified Ball Grid Array, 1.0 mm pitch package (LAA064)
SPEED OPTION
90 = 90 ns
10 = 100 ns
11 = 110 ns
12 = 120 ns
13 = 130 ns
DEVICE NUMBER/DESCRIPTION
S29GL01GP, S29GL512P, S29GL256P, S29GL128P
3.0 Volt-only, 1024, 512, 256 and 128 Megabit Page-Mode Flash Memory, manufactured on 90 nm MirrorBit® process
technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com