Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GP Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 40Page - Cypress Semiconductor S29GL01GP Datasheet HTML 41Page - Cypress Semiconductor S29GL01GP Datasheet HTML 42Page - Cypress Semiconductor S29GL01GP Datasheet HTML 43Page - Cypress Semiconductor S29GL01GP Datasheet HTML 44Page - Cypress Semiconductor S29GL01GP Datasheet HTML 45Page - Cypress Semiconductor S29GL01GP Datasheet HTML 46Page - Cypress Semiconductor S29GL01GP Datasheet HTML 47Page - Cypress Semiconductor S29GL01GP Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 44 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
8.6.3
Write Pulse “Glitch Protection”
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
8.6.4
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during power up, the device does not accept commands on the rising edge of WE#.
The internal state machine is automatically reset to the read mode on power-up.
9.
Power Conservation Modes
9.1
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input. The device
enters the CMOS standby mode when the CE# and RESET# inputs are both held at VCC ± 0.3 V. The device requires standard
access time (tCE) for read access, before it is ready to read data. If the device is deselected during erasure or programming, the
device draws active current until the operation is completed. ICC4 in “DC Characteristics” represents the standby current
specification
9.2
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables this mode when
addresses remain stable for tACC + 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals.
Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and
always available to the system. ICC6 in Section 11.6 represents the automatic sleep mode current specification.
9.3
Hardware RESET# Input Operation
The RESET# input provides a hardware method of resetting the device to reading array data. When RESET# is driven low for at
least a period of tRP, the device immediately terminates any operation in progress, tristates all outputs, and ignores all read/write
commands for the duration of the RESET# pulse. The device also resets the internal state machine to reading array data. The
operation that was interrupted should be reinitiated once the device is ready to accept another command sequence to ensure data
integrity.
When RESET# is held at VSS ± 0.3 V, the device draws ICC reset current (ICC5). If RESET# is held at VIL but not within VSS ± 0.3 V,
the standby current is greater.
RESET# may be tied to the system reset circuitry and thus, a system reset would also reset the Flash memory, enabling the system
to read the boot-up firmware from the Flash memory.
9.4
Output Disable (OE#)
When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the high impedance state. (With the
exception of RY/BY#.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com