Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GP Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 67Page - Cypress Semiconductor S29GL01GP Datasheet HTML 68Page - Cypress Semiconductor S29GL01GP Datasheet HTML 69Page - Cypress Semiconductor S29GL01GP Datasheet HTML 70Page - Cypress Semiconductor S29GL01GP Datasheet HTML 71Page - Cypress Semiconductor S29GL01GP Datasheet HTML 72Page - Cypress Semiconductor S29GL01GP Datasheet HTML 73Page - Cypress Semiconductor S29GL01GP Datasheet HTML 74Page - Cypress Semiconductor S29GL01GP Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 71 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
Legend
X = Don’t care
RD(0) = Read data.
SA = Sector Address. Address bits Amax–A16 uniquely select any sector.
PWD = Password
PWDx = Password word0, word1, word2, and word3.
Data = Lock Register Contents: PD(0) = Secured Silicon Sector Protection Bit, PD(1) = Persistent Protection Mode Lock Bit, PD(2) =
Password Protection Mode Lock Bit.
N
otes
1. See Table on page 15 for description of bus operations.
2. All values are in hexadecimal.
3. All bus cycles are write cycles unless otherwise noted.
4. Data bits DQ15-DQ8 are don’t cares for unlock and command cycles.
5. Address bits AMAX:A16 are don’t cares for unlock and command cycles, unless SA or PA required. (AMAX is the Highest Address pin.)
6. All Lock Register bits are one-time programmable. Program state = “0” and the erase state = “1.” The Persistent Protection Mode Lock Bit
and the Password Protection Mode Lock Bit cannot be programmed at the same time or the Lock Register Bits Program operation aborts
and returns the device to read mode. Lock Register bits that are reserved for future use default to “1’s.” The Lock Register is shipped out
as “FFFF’s” before Lock Register Bit program execution.
7. The Exit command returns the device to reading the array.
8. If any Command Set Entry command was written, an Exit command must be issued to reset the device into read mode.
9. For PWDx, only one portion of the password can be programmed per each “A0” command.
10.Note that the password portion can be entered or read in any order as long as the entire 64-bit password is entered or read.
11.If ACC = VHH, sector protection matches when ACC = VIH.
12.Protected State = “00h,” Unprotected State = “01h.”
13.The All PPB Erase command embeds programming of all PPB bits before erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com