Electronic Components Datasheet Search
  English  ▼

X  

SFH7740 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH7740
Description  Reflexlichtschranke Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7740 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH7740 Datasheet HTML 5Page - OSRAM GmbH SFH7740 Datasheet HTML 6Page - OSRAM GmbH SFH7740 Datasheet HTML 7Page - OSRAM GmbH SFH7740 Datasheet HTML 8Page - OSRAM GmbH SFH7740 Datasheet HTML 9Page - OSRAM GmbH SFH7740 Datasheet HTML 10Page - OSRAM GmbH SFH7740 Datasheet HTML 11Page - OSRAM GmbH SFH7740 Datasheet HTML 12Page - OSRAM GmbH SFH7740 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SFH 7740
2009-01-14
9
LED:
Relative Spectral Emission
Irel = f (λ); TA = 25°C
700
0
nm
%
OHL01714
20
40
60
80
100
950
750
800
850
Irel
λ
Phototransistor
Relative Spectral Sensitivity
S
rel = f (λ); TA = 25°C
0
20
40
60
80
10 0
700
80 0
900
100 0
110 0
la m b d a / n m
Sre l
%
SFH 7740:
Mean current consumption
I
dd = f (Vdd); Rprog; TA = 25°C
20
30
40
50
2.4
2.7
3.0
3.3
3.6
Vdd/ V
Idd
µA
330
Ω
470
Ω
2k
Ω
inf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com