Electronic Components Datasheet Search
  English  ▼

X  

SFH7740 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7740
Description  Reflexlichtschranke Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7740 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7740 Datasheet HTML 1Page - OSRAM GmbH SFH7740 Datasheet HTML 2Page - OSRAM GmbH SFH7740 Datasheet HTML 3Page - OSRAM GmbH SFH7740 Datasheet HTML 4Page - OSRAM GmbH SFH7740 Datasheet HTML 5Page - OSRAM GmbH SFH7740 Datasheet HTML 6Page - OSRAM GmbH SFH7740 Datasheet HTML 7Page - OSRAM GmbH SFH7740 Datasheet HTML 8Page - OSRAM GmbH SFH7740 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SFH 7740
2009-01-14
2
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Lagertemperatur
Storage temperature
T
stg
min: – 40
max: + 85
°C
Versorgungsspannung
Supply voltage
V
dd
0 - 6
V
Externe Spannung an Pin
External voltage at pin
Out
Prog
Test
Anode LED
V
out
0 - 4.5
0 - 4.5
0 - 4.5
0 - 1.5
V
Sink current durch Ausgangstransistor
Sink current through output transistor
(please see figure 1)
I
sink
10
mA
Vorwärtsstrom
1)
Forward current
(please see figure 1)
1)
Der Vorwärtsstrom I
f durch die LED ist abhängig von Vdd und Rprog wie folgt:
*
The forward current I
f depends on Vdd and Rprog as in the following formula:
I
f
60
mA
Elektrostatische Entladung
Electrostatic discharge
- Human Body Model
(according to: JESD22-A114E; Class2)
- Machine Model
(according to: JESD22-A115A; Class B)
ESD
2
200
kV
V
latch up protection
latch up protection
(according to: EIA/JESD78 Class 1)
20
mA
I
f
10mA
V
dd
6
×
R
prog
------------------
⎝⎠
⎛⎞
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com