Electronic Components Datasheet Search
  English  ▼

X  

SFH7740 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7740
Description  Reflexlichtschranke Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7740 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7740 Datasheet HTML 1Page - OSRAM GmbH SFH7740 Datasheet HTML 2Page - OSRAM GmbH SFH7740 Datasheet HTML 3Page - OSRAM GmbH SFH7740 Datasheet HTML 4Page - OSRAM GmbH SFH7740 Datasheet HTML 5Page - OSRAM GmbH SFH7740 Datasheet HTML 6Page - OSRAM GmbH SFH7740 Datasheet HTML 7Page - OSRAM GmbH SFH7740 Datasheet HTML 8Page - OSRAM GmbH SFH7740 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SFH 7740
2009-01-14
5
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
730
1080
nm
Wellenlänge der Strahlung des Emitters
Wavelength at peak emission
I
F = 10 mA
λ
peak
850
nm
Spektrale Bandbreite des Emitters bei 50% von
I
max
Spectral bandwidth of the emitter at 50% of
I
max
I
F = 10 mA
Δλ
30
nm
1)
gepulster Betrieb: Dauer LED an: ~44µs / Dauer LED aus: ~90ms
*
pulsed operating mode: LED on time: ~44µs / LED off time: ~90ms
Kennwerte (Ta = 25°C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com