Electronic Components Datasheet Search
  English  ▼

X  

SFH7741 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH7741
Description  Proximity Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7741 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH7741 Datasheet HTML 3Page - OSRAM GmbH SFH7741 Datasheet HTML 4Page - OSRAM GmbH SFH7741 Datasheet HTML 5Page - OSRAM GmbH SFH7741 Datasheet HTML 6Page - OSRAM GmbH SFH7741 Datasheet HTML 7Page - OSRAM GmbH SFH7741 Datasheet HTML 8Page - OSRAM GmbH SFH7741 Datasheet HTML 9Page - OSRAM GmbH SFH7741 Datasheet HTML 10Page - OSRAM GmbH SFH7741 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Version 1.0
SFH 7741
2010-02-04
7
Relative Spectral Emission
Relative spektrale Emission
LED Irel = f(λ), TA = 25 °C
Relative Spectral Sensitivity
Relative spektrale Empfindlichkeit
Phototransistor Srel = f(λ), TA = 25 °C
Current Consumption
Stromaufnahme
IDD = f(VDD), Rprog, TA = 25 °C
Switching distance
Schaltabstand
d = f(TA), Vdd = 3 V, R = 90 %
700
0
nm
%
OHL01714
20
40
60
80
100
950
750
800
850
I
rel
λ
700
0
nm
%
OHF04011
20
40
60
80
100
λ
800
900
1000
1100
rel
S
OHF04012
V
dd
20
dd
I
µA
2.4
V
30
40
50
60
2.7
3
3.3
3.6
Ω
330
Ω
470
2 k
Ω
inf.
10
d
OHF04013
mm
-25
˚C
A
T
0
25
50
75
100
15
20
25
30
35
40
inf.
2 k
Ω
330
Ω
470
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com