Electronic Components Datasheet Search
  English  ▼

X  

SFH7741 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7741
Description  Proximity Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7741 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7741 Datasheet HTML 1Page - OSRAM GmbH SFH7741 Datasheet HTML 2Page - OSRAM GmbH SFH7741 Datasheet HTML 3Page - OSRAM GmbH SFH7741 Datasheet HTML 4Page - OSRAM GmbH SFH7741 Datasheet HTML 5Page - OSRAM GmbH SFH7741 Datasheet HTML 6Page - OSRAM GmbH SFH7741 Datasheet HTML 7Page - OSRAM GmbH SFH7741 Datasheet HTML 8Page - OSRAM GmbH SFH7741 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Version 1.0
SFH 7741
2010-02-04
5
Spectral range of sensitivity
Spektraler Bereich der Fotoempfindlichkeit
(S = 10% of Smax)
(min)
(max)
λ
λ
730
1080
nm
nm
Wavelength at peak emission
Max. der spektralen Emission
(IF = 10 mA)
(typ)
λpeak
850
nm
Spectral width (FWHM)
Spektrale Breite (Halbwertsbreite)
(IF = 10 mA)
(typ)
Δλ
30
nm
Block Diagram 4) page 16
Blockschaltbild 4) Seite 16
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
OHF03409
Photo-
transistor
LED
LED Anode
(must not be
connected)
dd
V
Out
V
boundaries
Device
ASIC
pull up
R
GND
Prog
Prog
R
F
I
Out
DV
dd
Test
stabilisation
C
sink
I
HF
C
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com