Electronic Components Datasheet Search
  English  ▼

X  

SFH7741 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH7741
Description  Proximity Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7741 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH7741 Datasheet HTML 1Page - OSRAM GmbH SFH7741 Datasheet HTML 2Page - OSRAM GmbH SFH7741 Datasheet HTML 3Page - OSRAM GmbH SFH7741 Datasheet HTML 4Page - OSRAM GmbH SFH7741 Datasheet HTML 5Page - OSRAM GmbH SFH7741 Datasheet HTML 6Page - OSRAM GmbH SFH7741 Datasheet HTML 7Page - OSRAM GmbH SFH7741 Datasheet HTML 8Page - OSRAM GmbH SFH7741 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Version 1.0
SFH 7741
2010-02-04
3
Operating Conditions
Betriebsbedingungen
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
min typ max
Operating temperature range
Betriebstemperatur
Top
-20
85 °C
Supply voltage
Betriebsspannung
Vdd
2.4
3.6 V
Output voltage
Ausgangsspannung
(Fig.: Block Diagram)
DVdd
1.7
3.6 V
Supply voltage ripple 2) page 16
Rauschen der Versorgungsspannung 2) Seite 16
(frequency range 0 ... 20 kHz)
dVdd
200 mV
Pull-up resistance
Pull-up Widerstand
(Fig.: Block Diagram)
Rpull-up
10
100
0
kΩ
Bypass capacitor
Abblock Kondensator
(Fig.: Block Diagram)
Cstabilisation
1
μF
Bypass capacitor
Abblock Kondensator
(Fig.: Block Diagram)
CHF
10
100 nF
Ambient light
Umgebungslicht
(Standard light A / Normlicht A, Vdd < 3 V)
EV
100
0
lx
Ambient light
Umgebungslicht
(Standard light A / Normlicht A, Vdd > 3 V)
EV
200
0
lx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com