Electronic Components Datasheet Search
  English  ▼

X  

SFH7741 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7741
Description  Proximity Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7741 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7741 Datasheet HTML 1Page - OSRAM GmbH SFH7741 Datasheet HTML 2Page - OSRAM GmbH SFH7741 Datasheet HTML 3Page - OSRAM GmbH SFH7741 Datasheet HTML 4Page - OSRAM GmbH SFH7741 Datasheet HTML 5Page - OSRAM GmbH SFH7741 Datasheet HTML 6Page - OSRAM GmbH SFH7741 Datasheet HTML 7Page - OSRAM GmbH SFH7741 Datasheet HTML 8Page - OSRAM GmbH SFH7741 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2010-02-04
2
Version 1.0
SFH 7741
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Storage temperature range
Lagertemperatur
Tst
Tst
-40
85
°C
°C
Supply voltage
Versorgungsspannung
6
External voltage at pin
Externe Spannung an Pin
VOUT
Out: 4.5
Prog: 4.5
Test: 4.5
Anode LED: 1.5
V
Sink current through output transistor
Sink current durch Ausgangstransistor
(Fig.: Block Diagram)
Isink
10
mA
Forward current 1) page 16
Vorwärtsstrom 1) Seite 16
(Fig.: Block Diagram)
If
60
mA
Electrostatic discharge
Elektrostatische Entladung
(human body model, according to:
JESD22-A114E, Class 2)
VESD
2kV
Electrostatic discharge
Elektrostatische Entladung
(machine model, according to: JESD22-A115a,
Class B)
VESD
200
V
Latch-up protection
Latch-up-Schutz
(according to: EIA/JESD78; Class 1)
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com