Electronic Components Datasheet Search
  English  ▼

X  

MP2326 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2326
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2326 Datasheet HTML 1Page - Monolithic Power Systems MP2326 Datasheet HTML 2Page - Monolithic Power Systems MP2326 Datasheet HTML 3Page - Monolithic Power Systems MP2326 Datasheet HTML 4Page - Monolithic Power Systems MP2326 Datasheet HTML 5Page - Monolithic Power Systems MP2326 Datasheet HTML 6Page - Monolithic Power Systems MP2326 Datasheet HTML 7Page - Monolithic Power Systems MP2326 Datasheet HTML 8Page - Monolithic Power Systems MP2326 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
3
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .............................................................. +21V
VSW...–0.3V (-5V<10ns) to VIN+0.3V (23V<10ns)
VBST ........................................................ VSW+6V
All Other Pins.............................. –0.3V to +6V(2)
Continuous Power Dissipation
(3)
QFN-14 (2mmx3mm) ................................. 1.8W
Junction Temperature.............................+150oC
Lead Temperature ..................................+260oC
Storage Temperature................-65oC to +150oC
Recommended Operating Conditions
(4)
Supply Voltage VIN ...........................3.9V to 19V
Output Voltage VOUT............. 0.6V to VIN*DMAX
(5)
Operating Junction Temp. ....... -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-14 (2mmx3mm)…………70……15…°C/W
Notes:
1) Exceeding these ratings may damage the device
2) Please refer to the “Enable Control” section on page 15 for
the ABS MAX rating of EN.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) For details about the Dmax, see the “Application when Input
Voltage is Close to Output Voltage” section on page 13 for
more information.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com