Electronic Components Datasheet Search
  English  ▼

X  

MP2326 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2326
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2326 Datasheet HTML 1Page - Monolithic Power Systems MP2326 Datasheet HTML 2Page - Monolithic Power Systems MP2326 Datasheet HTML 3Page - Monolithic Power Systems MP2326 Datasheet HTML 4Page - Monolithic Power Systems MP2326 Datasheet HTML 5Page - Monolithic Power Systems MP2326 Datasheet HTML 6Page - Monolithic Power Systems MP2326 Datasheet HTML 7Page - Monolithic Power Systems MP2326 Datasheet HTML 8Page - Monolithic Power Systems MP2326 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
5
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTORISTICS
VIN=12V, VOUT=1.2V, L=2.2μH, TA=25
oC, unless otherwise noted.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.5
0.4
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.5
0.4
4
6
8 10 121416 1820
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
3.3
3.4
3.5
3.6
3.7
3.8
3.9
0
0.2
0.4
0.6
0.8
1
1.2
-40 -15
10 35
60 85 110 135
-40
-10
20
50
80
110 140
5
6
7
8
9
10
11
12
13
14
15
20
25
30
35
40
45
50
4 5 6 7 8 9 101112131415161718 19
4 5 6 7 8 9 101112131415161718 19
UVLO Rising
UVLO Falling
Rising Threshold
Falling Threshold
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
0 0.5 1 1.5 2 2.5 3 3.5 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com