Electronic Components Datasheet Search
  English  ▼

X  

MP2326 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2326
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2326 Datasheet HTML 6Page - Monolithic Power Systems MP2326 Datasheet HTML 7Page - Monolithic Power Systems MP2326 Datasheet HTML 8Page - Monolithic Power Systems MP2326 Datasheet HTML 9Page - Monolithic Power Systems MP2326 Datasheet HTML 10Page - Monolithic Power Systems MP2326 Datasheet HTML 11Page - Monolithic Power Systems MP2326 Datasheet HTML 12Page - Monolithic Power Systems MP2326 Datasheet HTML 13Page - Monolithic Power Systems MP2326 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
10
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1,12
GND
System Ground. GND is the reference ground for the regulated output voltage, and it
requires special consideration during PCB layout (see the recommended “PCB Layout
Guidelines” section on page 19).
2, 13
SW
Switch Output. Connect SW using wide PCB traces.
3, 14
VIN
Supply Voltage. The MP2326 operates from a +3.9V to +19V input rail. C1 is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
4
FREQ/MODE
Frequency Set during CCM Operation. Connect a resistor to VIN to set the switching
frequency; the part works in forced PWM mode. Connect a resistor to GND to set the
switching frequency; the part works in auto PFM/PWM mode. Do NOT float
FREQ/MODE.
5
PG
Power Good Output. The output of PG is an open drain that goes high if the output
voltage is higher than 90% of the nominal voltage. There is a 40µs delay when FB ≥
90% and when PG goes high.
6
SS
Soft-Start. Connect a capacitor across SS and GND to set the soft-start time to avoid a
start-up inrush current.
7
FB
Feedback. FB sets the output voltage when connected to the tap of an external resistor
divider that is connected between the output and GND.
8
CR
Internal Ramp Adjust. Connect a capacitor from VOUT to CR to adjust the internal ramp
amplitude. This can be used to improve the transient performance.
9
EN
Enable/Disable Control. EN = 1 to enable the MP2326. For automatic start-up, connect
EN to VIN with a pull-up resistor.
10
BST
Bootstrap. BST requires a capacitor connected between SW and BST to form a floating
supply across the high-side switch driver.
11
VCC
Internal Bias Supply. Internal 5V LDO output. Decouple with a 1µF ceramic capacitor as
close to VCC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com