Electronic Components Datasheet Search
  English  ▼

X  

MP2326 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2326
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2326 Datasheet HTML 4Page - Monolithic Power Systems MP2326 Datasheet HTML 5Page - Monolithic Power Systems MP2326 Datasheet HTML 6Page - Monolithic Power Systems MP2326 Datasheet HTML 7Page - Monolithic Power Systems MP2326 Datasheet HTML 8Page - Monolithic Power Systems MP2326 Datasheet HTML 9Page - Monolithic Power Systems MP2326 Datasheet HTML 10Page - Monolithic Power Systems MP2326 Datasheet HTML 11Page - Monolithic Power Systems MP2326 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
8
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTORISTICS (continued)
VIN=12V, VOUT=1.2V, L=2.2μH, TA=25
oC, unless otherwise noted.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
PG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VIN
10V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VIN
10V/div.
VSW
10V/div.
IL
5A/div.
VOUT
1V/div.
VIN
10V/div.
VSW
20V/div.
IL
5A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com