Electronic Components Datasheet Search
  English  ▼

X  

MP21148 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP21148 Datasheet HTML 1Page - Monolithic Power Systems MP21148 Datasheet HTML 2Page - Monolithic Power Systems MP21148 Datasheet HTML 3Page - Monolithic Power Systems MP21148 Datasheet HTML 4Page - Monolithic Power Systems MP21148 Datasheet HTML 5Page - Monolithic Power Systems MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP21148 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
2
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
VOUT Range
MP21148GQD*
QFN-6 (1mmx1.5mm)
See Below
Adjustable
* For Tape & Reel, add suffix
–Z (e.g. MP21148GQD–Z)
TOP MARKING
ET: Product code of MP21148GQD
LL: Lot number
PACKAGE REFERENCE
TOP VIEW
2
1
3
5
6
4
VIN
SW
GND
EN
OUT
FB
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage (VIN) .......................................6V
VSW………………………-0.3V (-5V for <10ns) to
6V (8V for <10ns or 10V for <3ns)
All other pins.................................... -0.3V to 6V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = +25°C)
(2)
……….….. .................................................0.6W
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) ....................... 2.3V to 5.5V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θ
JA
θ
JC
QFN-6 (1mmx1.5mm)............ 220.....110...°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal
resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com