Electronic Components Datasheet Search
  English  ▼

X  

MP21148 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP21148 Datasheet HTML 1Page - Monolithic Power Systems MP21148 Datasheet HTML 2Page - Monolithic Power Systems MP21148 Datasheet HTML 3Page - Monolithic Power Systems MP21148 Datasheet HTML 4Page - Monolithic Power Systems MP21148 Datasheet HTML 5Page - Monolithic Power Systems MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP21148
1A, Synchronous, Step-Down Converter
with CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
1
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP21148 is a monolithic, step-down,
switch-mode converter with built-in, internal
power
MOSFETs.
It
can
achieve
1A
of
continuous output current from a 2.3V-to-5.5V
input voltage with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
The constant-on-time control scheme in forced
CCM provides a fast transient response, low
output
voltage
ripple,
and
eases
loop
stabilization. Fault protections include cycle-by-
cycle current limiting and thermal shutdown.
The MP21148 is available in an ultra-small
QFN-6 (1.0mmx1.5mm) package and requires
a minimal number of readily available, standard,
external components.
The MP21148 is ideal for a wide range of
applications including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
FEATURES
 2.4MHz Switching Frequency
 EN for Power Sequencing
 Wide 2.3V-to-5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 1A of Output Current
 120mΩ and 80mΩ Internal Power MOSFET
Switches
 Output Discharging
 100% Duty Cycle
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a QFN-6 (1.0mmx1.5mm)
Package
 Continuous Conduction Mode (CCM)
APPLICATIONS
 Wireless/Networking Cards
 Portable and Mobile Devices
 Battery-Powered /Wearable Devices
 Low-Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP21148
GND
FB
VIN
C1
10
μF
EN
VIN
5V
VOUT
1.2V/1A
SW
C2
10
μF
R1
200k
Ω
R2
200k
Ω
EN
OUT
L1
1
μH


Similar Part No. - MP21148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP21148GQD MPS-MP21148GQD Datasheet
273Kb / 7P
1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
More results

Similar Description - MP21148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
logo
Linear Technology
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
40V, 1A Synchronous Step-Down Converter
36461fc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com