Electronic Components Datasheet Search
  English  ▼

X  

MP21148 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP21148 Datasheet HTML 1Page - Monolithic Power Systems MP21148 Datasheet HTML 2Page - Monolithic Power Systems MP21148 Datasheet HTML 3Page - Monolithic Power Systems MP21148 Datasheet HTML 4Page - Monolithic Power Systems MP21148 Datasheet HTML 5Page - Monolithic Power Systems MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP21148 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
3
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C. Typical value is tested at TJ = +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Feedback voltage
VFB
2.3
V ≤ V
IN ≤ 5.5V, TJ = 25°
C
594
600
606
mV
TJ = -40°C to +125°C
588
612
Feedback current
IFB
VFB = 0.63V
50
100
nA
P-FET switch on resistance
RDSON_P
120
mΩ
N-FET switch on resistance
RDSON_N
80
mΩ
Switch leakage current
VEN = 0V, TJ = 25°C
0
1
μA
P-FET peak current limit
Sourcing
2
A
NFET valley current limit
Sourcing, valley current limit
1.2
A
On time
TON
VIN = 5V, VOUT = 1.2V
100
ns
VIN = 3.6V, VOUT = 1.2V
140
Switching frequency
fs
VIN = 5V, VOUT = 1.2V,
IOUT = 500mA, TJ = 25°C
(5)
2400
kHz
VIN = 5V, VOUT = 1.2V,
IOUT = 500mA,
TJ = -40°C to +125°C
(5)
2400
kHz
Minimum off time
TMIN-OFF
60
ns
Minimum on time
(5)
TMIN-ON
60
ns
Soft-start time
TSS-ON
VOUT rise from 10% to 90%
0.5
ms
Under-voltage lockout
threshold rising
2
2.25
V
Under-voltage lockout
threshold hysteresis
150
mV
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
Output discharge resistor
RDIS
VEN = 0V, VOUT = 1.2V
1
kΩ
EN input current
VEN = 2V
1.2
μA
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, TJ = 25°C
0
1
μA
Supply current (quiescent)
VEN = 2V, VFB = 0.63V,
VIN = 3.6V, 5V, TJ = 25°C
0.5
mA
Thermal shutdown
(6)
160
°C
Thermal hysteresis
(6)
30
°C
NOTES:
5) Guaranteed by characterization.
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com