Electronic Components Datasheet Search
  English  ▼

X  

MP21148 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems MP21148 Datasheet HTML 10Page - Monolithic Power Systems MP21148 Datasheet HTML 11Page - Monolithic Power Systems MP21148 Datasheet HTML 12Page - Monolithic Power Systems MP21148 Datasheet HTML 13Page - Monolithic Power Systems MP21148 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP21148 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
10
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP21148 uses constant-on-time control
with an input voltage feed-forward to stabilize
the switching frequency over the full input range.
It achieves 1A of continuous output current from
a 2.3V-to-5.5V input voltage with excellent load
and line regulation. The output voltage can be
regulated as low as 0.6V.
Constant-on-Time Control
Compared to fixed-frequency PWM control,
constant-on-time control offers a simpler control
loop and a faster transient response. By using
an input voltage feed forward, the MP21148
maintains a nearly constant switching frequency
across the input and output voltage ranges. The
switching pulse on time can be estimated with
Equation (1):
OUT
ON
IN
V
T
0.417 s
V
(1)
To prevent inductor current runaway during the
load transient, the MP21148 uses a fixed
minimum off time of 60ns.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2V) the MP21148 can be enabled by
pulling EN higher than 1.2V. Leave EN floating
or pull EN down to ground to disable the
MP21148. There is an internal 1M
Ω resistor
from EN to ground.
When the device is disabled, the MP21148
goes into output discharge mode automatically.
Its internal discharge MOSFET provides a
resistive discharge path for the output capacitor.
Soft Start (SS)
The MP21148 has a built-in soft start that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft
start time is about 0.5ms, typically.
Current Limit
The MP21148 has a 2A high-side switch
current limit. When the high-side switch reaches
its current limit, the MP21148 remains in hiccup
mode until the current drops. This prevents the
inductor current from continuing to rise and
damaging components.
Short Circuit and Recovery
The
MP21148
also
enters
short-circuit
protection mode when it reaches the current
limit and attempts to recover with hiccup mode.
In this process, the MP21148 disables the
output power stage, discharges the soft-start
capacitor and attempts to soft start again
automatically.
If
the
short-circuit
condition
remains after the soft start ends, the MP21148
repeats
this
cycle
until
the
short
circuit
disappears and the output rises back to
regulation levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com