Electronic Components Datasheet Search
  English  ▼

X  

LBLTLVE67C Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBLTLVE67C
Description  white P-LCC-4 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBLTLVE67C Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBLTLVE67C Datasheet HTML 3Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 4Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 5Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 6Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 7Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 8Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 9Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 10Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB E67C, LV E67C, LT E67C
2003-05-26
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(30 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
V
OHL01619
1.5
verde,
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
2.5
3.5
4.5
5.5 V 6.5
true green
blue
F
F
0
0
OHL01569
T
I
mA
˚C
20
40
60
80
100
5
10
15
20
25
30
40
35
verde,
true green
blue
temp. ambient
A
T
-1
10
-2
10
10
10
-3
-2
10
2
1
0
-1
10
10
I
F
10
mA
0
10
V
I
V (30 mA)
I
1
10
OHL00036
verde
true green
blue
OHL01570
0
0
20
40
60
80 ˚C 100
T
I
F
temp. solder point
S
T
true green
verde,
blue
5
10
15
mA
20
25
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com