Electronic Components Datasheet Search
  English  ▼

X  

LBLTLVE67C Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LBLTLVE67C
Description  white P-LCC-4 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBLTLVE67C Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LBLTLVE67C Datasheet HTML 7Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 8Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 9Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 10Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 11Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 12Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 13Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 14Page - OSRAM GmbH LBLTLVE67C Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2003-05-26
14
LB E67C, LV E67C, LT E67C
Empfohlenes Lötpaddesign
Wellenlöten (TTW)
Recommended Solder Pad
TTW Soldering
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Gurtung / Polarität und Lage
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation Packing unit 2000/reel, ø180 mm
or 8000/reel, ø330 mm
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
OHAY1583
6.1 (0.240)
2.8 (0.110)
2.8 (0.110)
0.5 (0.020)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 16 mm per pad
Cu-area
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Cathode
Kathode/
OHAY0536
C
C
C
A
4 (0.157)
2.9 (0.114)
1.5 (0.059)
4 (0.157)
2 (0.079)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com