Electronic Components Datasheet Search
  English  ▼

X  

MF609 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF609
Description  The in-Line Micro filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF609 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF609 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Specification
MF609A
Data sheet subject to change without notice
RDPS-MF038(R0)01/23/2002
SHEET 5 OF 12
4.3. Electrical specification :
The low pass filter shall satisfy the following parametric limits with a complex impedance
ZNL shown in this table across the Line side of this device . The following requirement is
specified for a single splitter.
Electrical requirements
Splitter parameter
Range
values
Frequency range
Splitter bandwith
DC to 3.4KHz
Nominal voice band
200Hz to 4KHz
Billing tone
12KHz
±80Hz
Ringing frequency
17Hz to 23Hz
ADSL band
25KHz to 12MHz
Line Impedance ZNL
1330ohm // (348ohm
|| 0.1µF)
Modem impedance
100 ohm
Operation voltage voice band
Nominal signal
21mVpp to 5.4 Vpp
Billing tone
10Vpp to 30.2Vpp
Ringing signal
40Vrms to 106Vrms(113Vpp to
424 Vpp)
DC voltage
0V to -80V ANSI 6.98
Max. AC voltage
150Vrms with -105VDC offset
Max. differential
320V
Current voice band
Loop current
<90mA
Transient current(on/off hook)
<90mA
DC Resistance
DC Resistance
<25 ohm
Isolation resistance tip/ring
>5 Mohm
Voice –band characteristic
Insertion loss (one splitter) on hook 1004Hz
<1.5 ~ -0.5 dB
Insertion loss (with four added
parallel filters)
1004Hz
<6.5 ~ -1.0 dB
Insertion loss (one splitter) off hook 1004Hz
<0.5 ~ -0.5 dB
Insertion loss (multiple five filters)
1004Hz
<1.0 ~ -1.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com