Electronic Components Datasheet Search
  English  ▼

X  

MF609 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MF609
Description  The in-Line Micro filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF609 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MF609 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product Specification
MF609A
Data sheet subject to change without notice
RDPS-MF038(R0)01/23/2002
SHEET 6 OF 12
Electrical requirements
Splitter parameter
Range
values
Insertion loss distortion (one splitter)
on hook (Relative to 1004Hz)
200Hz~1KHz
1KHz~2.8 KHz
<1.5 ~ -1.5 dB
<1.5 ~ -1.5 dB
Insertion loss (multiple five filters)on
hook (Relative to 1004Hz)
200Hz~1KHz
1KHz~2.8 KHz
<2 ~ -5.5 dB
<2 ~ -2 dB
Insertion loss distortion (one splitter)
off hook (Relative to 1004Hz)
200Hz~3.4 KHz
3.4KHz~4.0 KHz
<0.5 ~ -1.0 dB
<1.0 ~ -1.5 dB
Insertion loss (multiple five filters)off
hook (Relative to 1004Hz)
200Hz~3.4 KHz
3.4KHz~4.0 KHz
<2.5 ~ -1.5 dB
<3.25 ~ -2.0 dB
@ERL
>9.0 dB
@SRLL
>13.0dB
Return loss with four added parallel
filters phone side
@SRLH
>3 dB
@ERL
>10 dB
@SRLL
>12 dB
Return loss with four added parallel
filters Line side
@SRLH
>5 dB
Longitudinal conversion loss LCL
200Hz to 3KHz
>53 dB
ADSL modem interface
Isolation voltage
>2000Vrms for 1 minute
ADSL band characteristic
Stop band attenuation
25KHz<f<50KHz
>21 dB
50KHz<f<1MHz
>25 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com