Electronic Components Datasheet Search
  English  ▼

X  

MF609 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MF609
Description  The in-Line Micro filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF609 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MF609 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Product Specification
MF609A
Data sheet subject to change without notice
RDPS-MF038(R0)01/23/2002
SHEET 10 OF 12
5. Environmental condition:
5.1. EMC , surge and power- contact:
The splitter has to comply with EMC Requirements as per ITU K21, so the following
requirements must be taken into consideration:
No
Test
Test specification
Number of tests
1
Lightning surge simulation
1500V , 10/700
µs , 200ms
10
2
Power induction
600V , 1s
5
3
Power contact
230V , 15 minute
1
5.2. Climatic condition:
5.2.1. Operating temperature:
Application
indoor
Low ambient temperature
-5
0C
High ambient temperature
+45
0C
(according to ETS 300 019, class 3.2)
5.2.2. Storage and transport:
Low ambient temperature
-40
0C
High ambient temperature
+85
0C
(according to ETS 300 019, transport: class 2.3, storage: class 1.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com