Electronic Components Datasheet Search
  English  ▼

X  

MF609 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MF609
Description  The in-Line Micro filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF609 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MF609 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF609 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product Specification
MF609A
Data sheet subject to change without notice
RDPS-MF038(R0)01/23/2002
SHEET 9 OF 12
4.5.3. Return loss :
Return loss measure the amount of energy that is lost due to reflection which resulted
from impedance mismatching at the interface. Return loss is essentially defined as the
ratio of the power incident upon a given transmission system to the power reflected
caused by impedance mismatch with respect to reference impedance at the interface
between source and device.Return loss figure are a function of the impedance of the
circuit involved and are therefore frequency dependent. These impedance must be
closely maintained in order to reduce the possibility of undesirable reflection and echoes
which in long distance circuit the telephone user or destroy the data being sent. To
perform the return loss test ,open ,short, load calibration must be done prior
measurement while the LCZ impedance Analyzer being selected in impedance mode.
Return loss is general expressed in decibels. General Return loss equation as below:
Return loss = 20 log
Z
L + ZM / ZL - ZMdB
Where Z
L = the reference impedance
Z
M = the measured impedance
The test setup is shown in drawing below:
4.5.3.1. Phone port return loss :
4.5.3.2. Line port return loss :
ZNL-r defined
Zoff defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com