Electronic Components Datasheet Search
  English  ▼

X  

PT4821 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4821
Description  35-W Triple Output Isolated DC/DC Converter for Logic Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4821 Datasheet(HTML) 1 Page - Texas Instruments

  PT4821 Datasheet HTML 1Page - Texas Instruments PT4821 Datasheet HTML 2Page - Texas Instruments PT4821 Datasheet HTML 3Page - Texas Instruments PT4821 Datasheet HTML 4Page - Texas Instruments PT4821 Datasheet HTML 5Page - Texas Instruments PT4821 Datasheet HTML 6Page - Texas Instruments PT4821 Datasheet HTML 7Page - Texas Instruments PT4821 Datasheet HTML 8Page - Texas Instruments PT4821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
1
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
Features
• Triple Outputs
(Independently Regulated)
• Input Voltage Range:
36V to 75V, 80V Surge
• 1500VDC Isolation
• Dual Logic On/Off Control
• Short-Circuit Protection
(All Outputs)
• Fixed Frequency Operation
Ordering Information
PT4821
o = +3.3/+2.5/+1.5V
PT4822
o = +3.3/+1.8/+1.5V
PT4823
o = +3.3/+2.5/+1.2V
PT4824
o = +3.3/+1.8/+1.2V
PT4825
o = +3.3/+1.5/+1.2V
PT4826
o = +5.0/+3.3/+1.8V
PT4827
o = +3.3/+2.5/+1.8V
PT4828
o = +5.0/+2.5/+1.5V
PT4829
o = +5.0/+1.8/+1.5V
PT4831
o = +5.0/+3.3/+1.5V
PT4832
o = +5.0/+3.3/+2.5V
* PT4833
o = +3.3/+2.0/+1.5V
* The PT4833 is not included in the VDE
safety certification.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ENM)
Horizontal
A
(ENN)
SMD
C
(ENP)
(Reference the applicable package code drawing for
the dimensions and PC layout)
Typical Application
PT4820 Series
Description
The PT4820 Excalibur™ power
modules are a series of isolated triple-
output DC/DC converters that
operate from a standard (–48V)
central office supply. Rated for up to
35W, these regulators are ideal for
powering many mixed logic appli-
cations. The triple-output voltage
combination allows for a compact
multiple-output power supply in a
single low-profile DC/DC module.
The available output voltage
options include a low-voltage power
bus for a DSP or ASIC core, and
two additional standard logic supply
voltages.
The PT4820 series incorporates
many features to simplify system
integration. These include a flexible
On/Off enable control, an input
under-voltage lock-out, and over-
temperature protection. All outputs
have short-circuit protection and are
internally sequenced to meet the
power-up and power-down require-
ments of popular DSP ICs.
The PT4820 series is housed in
a space-saving solderable case. The
module requires no external heat sink
and can occupy as little as 1.3 in2 of
PCB area.
Cin
= Optional
Co1, Co2, Co3
= Optional; See specifications
EN1 & EN2 pins:
See On/Off Enable Logic
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
C
IN
+
Co
3
+
Co
2
+
Co
1
+
DSL, DSP,
or ASIC
Chipset
I/O
Logic
Core
+V
IN
–V
IN
18
PT4820
EN 2
EN 1
+Vo
1
+Vo
2
+Vo
3
COM
V
1 Adj
V
2 Adj
V
3 Adj
COM
+V
IN
–V
IN
12,13
11
16,17
15
20,21
19
9,10
3
1
2
4
COM 14
• Over-Temperature Shutdown
• Under-Voltage Lockout
• Space Saving Package:
1.3 sq. in. PCB Area (suffix N)
• Solderable Copper Case
• Safety Approvals:
UL60950
CSA 22.2 950
VDE EN60950


Similar Part No. - PT4821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4821 TI-PT4821 Datasheet
751Kb / 34P
Over-Temperature Shutdown Under-Voltage Lockout
PT4821C TI1-PT4821C Datasheet
760Kb / 33P
35-W Triple Output Isolated DC/DC Converter
PT4821C TI-PT4821C Datasheet
751Kb / 34P
Over-Temperature Shutdown Under-Voltage Lockout
More results

Similar Description - PT4821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
1 W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
2 W TRIPLE OUTPUT DC-DC CONVERTER
Dec-1993
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4850 TI-PT4850 Datasheet
233Kb / 13P
25-A Triple Output Isolated DC/DC Converter For Logic Applications
PT4840A TI-PT4840A Datasheet
221Kb / 14P
65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4711 TI-PT4711 Datasheet
337Kb / 13P
45-W Dual-Output Isolated DC/DC Converter
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
35-W Triple Output Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4827A TI-PT4827A Datasheet
766Kb / 34P
35-W Triple Output Isolated DC/DC
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
10 W Isolated DC-DC Converter
16 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com