Electronic Components Datasheet Search
  English  ▼

X  

PT4821 Datasheet(PDF) 31 Page - Texas Instruments

Part # PT4821
Description  35-W Triple Output Isolated DC/DC Converter for Logic Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4821 Datasheet(HTML) 31 Page - Texas Instruments

Back Button PT4821 Datasheet HTML 24Page - Texas Instruments PT4821 Datasheet HTML 25Page - Texas Instruments PT4821 Datasheet HTML 26Page - Texas Instruments PT4821 Datasheet HTML 27Page - Texas Instruments PT4821 Datasheet HTML 28Page - Texas Instruments PT4821 Datasheet HTML 29Page - Texas Instruments PT4821 Datasheet HTML 30Page - Texas Instruments PT4821 Datasheet HTML 31Page - Texas Instruments PT4821 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
31
VDE Approved Installation Instructions (Installationsanleitung)
Nennspannnug (Rated Voltage):
PT4820 36 to 72 Vdc, Transient to 80Vdc
Nennaufnahme (Rated Input):
PT4820
1.5 Adc
Nennleistung (Rated Power):
40 Watts Maximum
Ausgangsspannung (Sec. Voltage):
PT4820 Series
PT4821, +3.3/ +2.5/ +1.5 Vdc; 8.0/ 6.0/ 6.0 Adc; Max total is 12Adc
PT4822, +3.3/ +1.8/ +1.5 Vdc; 8.0/ 6.0/ 6.0 Adc; Max total is 12Adc
Ausgangsstrom (Sec. Current):
PT4823, +3.3/ +2.5/ +1.2 Vdc; 8.0/ 6.0/ 6.0 Adc; Max total is 12Adc
oder (or)
PT4824, +3.3/ +1.8/ +1.2 Vdc; 8.0/ 6.0/ 6.0 Adc; Max total is 12Adc
Ausgangsleistung (Sec. Power):
PT4825, +3.3/ +1.5/ +1.2 Vdc; 8.0/ 6.0/ 6.0 Adc; Max total is 12Adc
PT4826, +5.0/ +3.3/ +1.8 Vdc; 5.0/ 5.5 /5.5 Adc; Max total is 9Adc
PT4827, +3.3/ +2.5/ +1.8 Vdc; 8.0/ 6.0 /6.0 Adc; Max total is 12Adc
PT4828, +5.0/ +2.5/ +1.5 Vdc; 5.0/ 5.5 /5.5 Adc; Max total is 9Adc
PT4829, +5.0/ +1.8/ +1.5 Vdc; 5.0/ 5.5 /5.5 Adc; Max total is 9Adc
PT4831, +5.0/ +3.3/ +1.5 Vdc; 5.0/ 5.5 /5.5 Adc; Max total is 9Adc
PT4832, +5.0/ +3.3/ +2.5 Vdc; 5.0/ 5.5 /5.5 Adc; Max total is 9Adc
Angabe der Umgebungstemperatur
(Information on ambient temperature): +85 °C maximum as tested
Besondere Hinweise (Special Instructions):
Es ist vorzusehen, daß die Spannungsversorgung in einer Endanwendung über eine isolierte
Sekundaerschaltung bereit gestellt wird. Die Eingangspannung der Spannungsversorgungsmodule muss
eine verstaerkte Isolierung von der Wechselstromquelle aufweisen.
Die Spannungsversorgung muss gemaess den Gehaeuse-, Montage-, Kriech- und Luftstrecken-,
Markierungs- und Trennanforderungen der Endanwendung installiert werden.
(The power supply is intended to be supplied by isolated secondary circuitry in an end use application.
The input power to these power supplies shall have reinforced insulation from the AC mains.
The power supply shall be installed in compliance with the enclosure, mounting, creepage, clearance,
casualty, markings, and segregation requirements of the end-use application.
Offenbach,
VDE Prüf- und Zertifizierungsinstitut
Abteilung /
Department TD
(Jürgen Bärwinkel)
Ort /
Place:
Datum /
Date: Nov 6, 2002
(Stempel und Unterschrift des Herstellers / Stamp
and signature of the manufacturer)
PT4820 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com