Electronic Components Datasheet Search
  English  ▼

X  

PT4821 Datasheet(PDF) 12 Page - Texas Instruments

Part # PT4821
Description  35-W Triple Output Isolated DC/DC Converter for Logic Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PT4821 Datasheet HTML 8Page - Texas Instruments PT4821 Datasheet HTML 9Page - Texas Instruments PT4821 Datasheet HTML 10Page - Texas Instruments PT4821 Datasheet HTML 11Page - Texas Instruments PT4821 Datasheet HTML 12Page - Texas Instruments PT4821 Datasheet HTML 13Page - Texas Instruments PT4821 Datasheet HTML 14Page - Texas Instruments PT4821 Datasheet HTML 15Page - Texas Instruments PT4821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
12
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4825—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
PT4825 Performance Characteristics
(See Notes A, B)
Typical Characteristics
Power Dissipation vs Output Load
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Output Load (%) represents the percent drawn from each output of the stated 100% load condition.
Note C:
SOA curves represent operating conditions at which the internal components are at or below the manufacturer’s maximum rated operating temperatures.
PT4825 Thermal Performance (See Note C)
(Io1 + Io2 + Io3 =12A, represents 100% Load)
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.2V
1.5V
VOUT
0
2
4
6
8
10
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.2V
1.5V
VOUT
Efficiency vs Output Power
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Efficiency vs Output Power
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
Safe Operating Area @Vin =48V
20
30
40
50
60
70
80
90
0%
20%
40%
60%
80%
100%
Output Load (%)
200LFM
120LFM
60LFM
Nat Conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com