Electronic Components Datasheet Search
  English  ▼

X  

PT4821 Datasheet(PDF) 16 Page - Texas Instruments

Part # PT4821
Description  35-W Triple Output Isolated DC/DC Converter for Logic Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PT4821 Datasheet HTML 12Page - Texas Instruments PT4821 Datasheet HTML 13Page - Texas Instruments PT4821 Datasheet HTML 14Page - Texas Instruments PT4821 Datasheet HTML 15Page - Texas Instruments PT4821 Datasheet HTML 16Page - Texas Instruments PT4821 Datasheet HTML 17Page - Texas Instruments PT4821 Datasheet HTML 18Page - Texas Instruments PT4821 Datasheet HTML 19Page - Texas Instruments PT4821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
16
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4827—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Output Load (%) represents the percent drawn from each output of the stated 100% load condition.
Note C:
SOA curves represent operating conditions at which the internal components are at or below the manufacturer’s maximum rated operating temperatures.
PT4827 Performance Characteristics
(See Notes A, B)
Power Dissipation vs Output Load
PT4827 Thermal Performance (See Note C)
(Io1 + Io2 + Io3 =12A, represents 100% Load)
Efficiency vs Output Power
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Efficiency vs Output Power
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
2.5V
1.8V
VOUT
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
2.5V
1.8V
VOUT
0
1
2
3
4
5
6
7
8
0
20406080
100
Output Load (%)
75V
48V
36V
Safe Operating Area @Vin =48V
20
30
40
50
60
70
80
90
0%
20%
40%
60%
80%
100%
Output Load (%)
200LFM
120LFM
60LFM
Nat Conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com