Electronic Components Datasheet Search
  English  ▼

X  

MP4570 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 11Page - Monolithic Power Systems MP4570 Datasheet HTML 12Page - Monolithic Power Systems MP4570 Datasheet HTML 13Page - Monolithic Power Systems MP4570 Datasheet HTML 14Page - Monolithic Power Systems MP4570 Datasheet HTML 15Page - Monolithic Power Systems MP4570 Datasheet HTML 16Page - Monolithic Power Systems MP4570 Datasheet HTML 17Page - Monolithic Power Systems MP4570 Datasheet HTML 18Page - Monolithic Power Systems MP4570 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
15
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
up resistor requires limiting voltage amplitude to
≤6V to prevent damage to the zener diode. EN
pin can be connected to higher voltage (e.g. VIN)
through pull-up resistor if the system doesn’t
have another logic signal acting as enable signal.
Just make sure the pull-up resistor is high
enough to make sure the sink current into EN pin
less than 150uA to avoid damaging the zener
diode.
For example, when connecting EN to
VIN=12V, RPULL-UP ≥ (12V – 6.5V) ÷ 150µA = 37kΩ.
Soft Start
The soft start is implemented to ensure the
smooth up output voltage during the power on
and off. In addition, the soft start function also
helps to reduce the inrush current value at the
startup.
The soft start function is achieved by ramping SS
up slowly and using SS to override the internal
reference (REF) when SS-900mV is lower than
REF. When SS-900mV is higher than REF, REF
regains the control. The 900mV above is the
offset voltage of SS which means SS is detected
as 0 internally when it is lower than 900mV. To
minimize the delay for SS to reach 0.9V, an
internal pull-up circuit with about 30uA average
current pulls SS up to 600mV first. Then use 4uA
constant current to charge SS until it reaches to
2.5V. When SS is in the range of 0.9V to 1.9V, it
overrides the REF as reference voltage of the
error amplifier. During this period, output voltage
ramps up from 0 to the regulated value following
SS rising. The soft start time (tSS) set by the
external SS capacitor can be calculated by below
formula:
A)
(
I
(V)
V
(nF)
C
(ms)
t
SS
REF
SS
SS
μ
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (1V), and ISS is the
4
μ A SS charge current.
The delay time for SS reaches to 900mV can be
estimated as below:
A
4
0.3V
(nF)
C
A
30
0.6V
(nF)
C
(ms)
t
SS
SS
_delay
SS
μ
μ
There is also an internal fixed 500us soft start.
The final SS time is determined by the longer
time between 500μs and external SS setting time.
When output voltage is shorted to GND,
feedback voltage is pulled to low then the SS will
be discharged. The part will soft start again when
the short at output is removed.
Internal Regulator and BIAS
There is an internal 2.5V regulator powers all the
internal control circuits. The 2.5V regulator takes
VIN as power supply when BIAS pin is lower than
3.2V while supplies from BIAS when BIAS is
higher than 3.2V.
VDD regulator powers LS driver and also BST
regulator when it is higher than 4.5V. VDD is
powered from VIN when BIAS is floating and
regulated at 3.6V. When BIAS is higher than
4.2V, it starts to power VDD. VDD will increases
as BIAS rising with 600mV voltage drop and
regulated at 4.8V when BIAS is higher than 5.4V.
A 1µF decoupling capacitor is needed at the pin
and make the capacitor as close to the pin as
possible.
Using BIAS to power internal regulator can
improve the efficiency. It is recommended to
connect BIAS to an external power supply that is
in the range of 3.3V to 5.5V. Output voltage is a
good choice for this power supply if it is in above
range. A 0.1µF to 1µF decoupling capacitor at
the pin is recommended.
Over Voltage Protection
The MP4570 monitors the feedback output
voltage to achieve the over voltage protection. If
the FB voltage is higher than the 115%xREF, the
high side and low side MOSFET will be turned off
immediately, the PG signal will be asserted to
inform the fault status. High side and low side
MOSFET will resume switching following close
loop operation after FB voltage drops back to
lower than 103%xREF.
Over Current Protection
The MP4570 has cycle-by-cycle peak current
limit protection and valley current detection
protection. The inductor current is monitored
during the high side MOSFET on state. If the
inductor current exceeds the current limit value
set by COMP voltage, the high side MOSFET
turns off immediately. Then, the low side
MOSFET will be turned on to discharge the
energy and inductor current will decrease. The
high side MOSFET will not be on again unless



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com