Electronic Components Datasheet Search
  English  ▼

X  

MP4570 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 14Page - Monolithic Power Systems MP4570 Datasheet HTML 15Page - Monolithic Power Systems MP4570 Datasheet HTML 16Page - Monolithic Power Systems MP4570 Datasheet HTML 17Page - Monolithic Power Systems MP4570 Datasheet HTML 18Page - Monolithic Power Systems MP4570 Datasheet HTML 19Page - Monolithic Power Systems MP4570 Datasheet HTML 20Page - Monolithic Power Systems MP4570 Datasheet HTML 21Page - Monolithic Power Systems MP4570 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
19
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The goal of compensation design is to shape the
converter transfer function for a desired loop gain.
The system crossover frequency where the
feedback loop has unity gain is important: Lower
crossover frequencies result in slower line and
load transient responses, while higher crossover
frequencies lead to system instability. Generally,
set the crossover frequency to ~0.1×fSW.
Follow these steps to design the compensation:
1. Choose R3 to set the desired crossover
frequency:
FB
OUT
CS
EA
C
V
V
G
G
f
C2
2π
R3
Where fC is the desired crossover frequency.
2. Choose C3 to achieve the desired phase
margin. For applications with typical inductor
values, set the compensation zero (fZ1) <0.25 ×fC
to provide sufficient phase margin. C3 is then:
C
f
R3
2π
4
C3
3. C4 is required if the ESR zero of the output
capacitor is located at <0.5×fSW, or the following
relationship is valid:
2
f
R
C2
2π
1
SW
ESR
If this is the case, use C4 to set the pole (fP3) at
the location of the ESR zero. Determine the C4:
R3
R
C2
C4
ESR
External Bootstrap Diode
For high duty-cycle operation (when VOUT/VIN >
65%), the time period available to the bootstrap
charging is less so the bootstrap capacitor may
not be charged sufficiently. This affects the
efficiency, even the normal operation of the part.
An external bootstrap diode from 3V-5V rail to
the BST pin can help to charge the bootstrap
capacitor and enhance the efficiency. Output
voltage is the good choice of this power supply if
it is in above range. The bootstrap diode can be
a low cost one such as IN4148 or BAT54.
Figure 2 — External Bootstrap Diode
At no-load or light-load, the converter may
operate in pulse-skipping mode in order to
maintain output-voltage regulation. Under this
condition, VSW= VOUT in most time period, so the
diode from VOUT to BST can’t charge the
bootstrap capacitor. For sufficient gate voltage
during pulse-skipping, VIN–VOUT should be no less
than 3V. For example, if the VOUT=3.3V, VIN must
exceed 3.3V+3V=6.3V to maintain sufficient
bootstrap voltage at no-load or light-load. To
meet this requirement, the EN pin can program
the input UVLO voltage to VOUT+3V
PCB Layout Guide
PCB layout is very important to stable operation.
Please follow below guidelines and use figure 3
as reference.
1) Place the ceramic input capacitor as close to
IN and GND pins as possible, especially the
small package size (0603) input bypass capacitor.
Keep the connection of input capacitor and IN pin
as short and wide as possible.
2) Place the VDD capacitor to VDD pin and GND
pin as close as possible.
3) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
4) Route SW, BST away from sensitive analog
areas such as FB.
5) Ensure all feedback connections are short and
direct. Place the feedback resistors as close to
the chip as possible.
6) Connect IN, SW, and especially GND and
exposed pad to large copper areas to cool the
chip for improved thermal performance and long-
term reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com