Electronic Components Datasheet Search
  English  ▼

X  

MP4570 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 2Page - Monolithic Power Systems MP4570 Datasheet HTML 3Page - Monolithic Power Systems MP4570 Datasheet HTML 4Page - Monolithic Power Systems MP4570 Datasheet HTML 5Page - Monolithic Power Systems MP4570 Datasheet HTML 6Page - Monolithic Power Systems MP4570 Datasheet HTML 7Page - Monolithic Power Systems MP4570 Datasheet HTML 8Page - Monolithic Power Systems MP4570 Datasheet HTML 9Page - Monolithic Power Systems MP4570 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
6
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 48V, VEN = 3.3V, TJ= +25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Oscillator Frequency
Switching Frequency
fSW
RFREQ=100k
400
520
640
kHz
OVP Protection
Output OVP Threshold
VOVP
VFB(OVP)/VFB
108
115
122
%
Power Good
Power Good Threshold
VPG_TH
VOUT Rising, VFB(PG)/VFB
86
90
94
%
VOUT Falling, VFB(PG)/VFB
81
85
89
Power Good Hysteresis
VPG_HYS
Δ
VFB(PG)/VFB
5
%
Power Good Delay
tPG_DL
VOUT Rising
8
22
37
μs
VOUT Falling
8
21
33
μs
Frequency SYNC
SYNC Leakage Current
ILKG_SYNC
10
100
nA
SYNC Frequency Range
fSYNC
100
1000
kHz
Thermal
Thermal Shutdown
(4)
TSD
150
170
°C
Thermal Shutdown Hysteresis
(4)
TSD_HYS
10
°C
Note:
4) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com